PART |
Description |
Maker |
E142-SERIES M342-SERIES T242-SERIES X242-SERIES E2 |
Transient Voltage Suppressor Diodes 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3910 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7862PBF with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL2203NS with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB260N with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF9410 with Standard Packaging 250V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU12N25D with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR4343 with Standard Packaging Peripheral IC 外围芯片
|
Bourns, Inc. Hoffman TOKO, Inc.
|
AM29DL400T-80EE AM29DL400T-80EI AM29DL400T-80FC AM |
-30V Dual P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7306 with Standard Packaging -30V Dual P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7306 with Lead Free Packaging -20V Dual P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7104 with Lead Free Packaging -30V Dual P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7328 with Lead Free Packaging 30V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7303 with Standard Packaging 80V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7380QPBF with Standard Packaging 30V N-Channel PowerTrench MOSFET 20V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF9910 with Standard Packaging 50V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; Industrial version of our popular IRF7103PBF - standard packaging 55V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7341 with Lead Free Packaging 20V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7101 with Lead Free Packaging -20V FETKY - MOSFET and Schottky Diode in a SO-8 package; Similar to IRF7322D1TR with Lead Free Packaging on Tape and Reel -20V FETKY - MOSFET and Schottky Diode in a SO-8 package; Similar to IRF7422D2 with Lead Free Packaging 30V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF9956 with Lead Free Packaging 80V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7380 with Standard Packaging 20V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7301 with Standard Packaging 20V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7331 with Standard Packaging 50V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7103 with Standard Packaging 50V Dual N-Channel HEXFET Power MOSFET in a SO-8 package - Q101 Qualified; Similar to IRF7103Q with Lead-Free Packaging -20V Dual P-Channel HEXFET Power MOSFET in a TSSOP-8 package; A IRF7750 with Standard Packaging 20V FETKY - MOSFET and Schottky Diode in a Micro 8 package; A IRF7521D1 with Standard Packaging 55V Dual N-Channel HEXFET Power MOSFET in a SO-8 package designed and qualified for the industrial market; Industrial version of our popular IRF7341PBF - standard packaging EEPROM EEPROM EEPROM 80V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7380 with Lead Free Packaging -12V Dual P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7329 with Standard Packaging
|
Air Cost Control Advanced Micro Devices, Inc.
|
IRF7314Q |
-20V Dual P-Channel HEXFET Power MOSFET in a SO-8 package HEXFET? Power MOSFET HEXFET? Power MOSFET
|
International Rectifier
|
IRFBC30AS IRFBC30L IRFBC30AL IRFBC30ASTRL IRFBC30A |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 600V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=600V/ Rds(on)max=2.2ohm/ Id=3.6A) 600V,3.6A,N-Channel HEXFET Power MOSFET for SMPS(600V,3.6A,N沟道 HEXFET 功率MOS场效应管,用于开关模式电 Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A) 功率MOSFET(减振钢板基本\u003d 600V电压的Rds(on)最大值\u003d 2.2ohm,身份证\u003d 3.6A
|
IRF[International Rectifier] International Rectifier, Corp.
|
AM29F080-150EEB AM29F080-150SEB AM29F080-120FEB AM |
x8 Flash EEPROM 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3303S with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3502S with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF3808S with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF3707Z with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS3307 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7809AV with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3709ZCPBF with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB59N10D with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL2703 with Standard Packaging x8闪存EEPROM 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package; Similar to IRFL024N with Lead Free Packaging x8闪存EEPROM 100V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; Similar to IRFI530N with Lead Free Packaging
|
Amphenol, Corp.
|
IRLS3034PBF IRLSL3034PBF IRLS3034TRLPBF IRLS3034PB |
HEXFET Power MOSFET 195 A, 40 V, 0.0017 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA HEXFETPower MOSFET High Efficiency Synchronous Rectification in SMPS
|
International Rectifier
|
IRLI2203N 2308 |
30V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET From old datasheet system
|
IRF[International Rectifier]
|
IRFI9Z34G IRFI9Z34GPBF |
-60V Single P-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET
|
IRF[International Rectifier]
|
AM29F040-120/BUA AM29F040-120/BXA AM29F040-150DEB |
150V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF3315S with Standard Packaging 150V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF3315S with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR8721PBF with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFZ34E with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU120Z with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR48Z with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRL3803L with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRFZ24NS with Lead Free Packaging x8 Flash EEPROM x8闪存EEPROM
|
Advanced Micro Devices, Inc.
|